Part Number Hot Search : 
F2812 ZK102 E006854 HPA17B FR3910 TDA3803A SC4004 TMP80C
Product Description
Full Text Search
 

To Download MEA1608LC220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/2)
3-terminal Filters(SMD Array) For Cellular Phone
MEA Series MEA1608LC Type
FEATURES * 4-line LC filter are built in a one chip for high-density circuit design. * 0.5mm low profile. * For improvement of the mobile phone's frame(bit) error rate. * This product is suitable for the LCD signal lines in mobile phone. APPLICATIONS For LCD and camera signal lines in mobile phone. TEMPERATURE RANGES
Operating -40 to +85C
Conformity to RoHS Directive
PRODUCT IDENTIFICATION MEA (1) 1608 (2) L C220 T (3) (4) (5) (4)Capacitance (pF) C220: 22pF (5)Packaging style T:Taping
(1)Series name (2)Dimensions Lx W (3)L type circuit
PACKAGING STYLE AND QUANTITIES
Packaging style Taping Quantity 4000 pieces/reel
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM/RECOMMENDED PC BORARD PATTERN (REFLOW)
1.60.1
Marking IN1 IN2 IN3 IN4
0.10min.
2.0
CH1 CH2 CH3 CH4
0.2 to 0.25 0.15 to 0.2 0.025 0.5 0.4 0.04 0.35 Dimensions in mm 0.15
0.20.1
0.80.1
GND OUT1 OUT2 OUT3 OUT4
GND
GND
GND
0.40.05 0.40.05 0.40.05 0.50.1 0.190.1 0.15min. Weight: 3.5mg Dimensions in mm
ELECTRICAL CHARACTERISTICS
Part No. MEA1608LC040 MEA1608LC060 MEA1608LC080 MEA1608LC100 MEA1608LC150 MEA1608LC220 Rated voltage (V)max. 6.3 6.3 6.3 6.3 6.3 6.3 Rated current (mA)max. 100 100 100 100 100 100 Capacitance (pF) 4 6 8 10 15 22 Attenuation(dB)typ. [800MHz to 2GHz] 10 15 15 20 20 20
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. * Please contact our Sales office when your application are considered the following: The device's failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
* All specifications are subject to change without notice. 002-02 / 20070815 / e9621_mea1608_lc.fm
(2/2)
TYPICAL ELECTRICAL CHARACTERISTICS ATTENUATION vs. FREQUENCY CHARACTERISTICS
0 -10 Attenuation (dB) -20 -30 -40 -50 -60 -70 1 MEA1608LC040 MEA1608LC060 MEA1608LC080 MEA1608LC100 MEA1608LC150 MEA1608LC220 10 100 Frequency (MHz) 1000 10000
RECOMMENDED SOLDERING CONDITION REFLOW SOLDERING
10s max. 250 to 260C 230C Natural cooling
180C 150C Preheating 60 to 120s Time(s) Soldering 30 to 60s
* All specifications are subject to change without notice. 002-02 / 20070815 / e9621_mea1608_lc.fm


▲Up To Search▲   

 
Price & Availability of MEA1608LC220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X